PART |
Description |
Maker |
ATF22V10 ATF22V10B ATF22V10B-10JC ATF22V10B-10JI A |
High- Performance EE PLD FLASH PLD, 25 ns, PDSO24 High- Performance EE PLD FLASH PLD, 25 ns, PDIP24 Single Supply, Dual SPST Switch FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PQCC28 High- Performance EE PLD FLASH PLD, 10 ns, CQCC28 High- Performance EE PLD FLASH PLD, 15 ns, CDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDSO24 3.3V, 1 Output, LVTTL to LVPECL Clock Converter CAP 470PF 16V 5% X7R SMD-0603 TR-7 PLATED-NI/SN High-performance EE PLD
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
AM29116/DMC AM29L116ALC AM29L116ALCB AM29L116ADCB |
Automotive Catalog Dual Retriggerable Monostable Multivibrators 16-TSSOP -40 to 105 High-Performance 16-Bit Bipolar Microprocessors High-Performance 16-Bit Bipolar Microprocessors
|
Advanced Micro Devices, Inc.
|
TC14433AEJG TC14433EJG TC14433ELI TC14433EPG TC144 |
The TC14433 is a low power,high-performance, monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter pro The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter prov 3-1/2 Digital / Analog-to-Digital Converter 3-1/2 Digit, Analog-to-Digital Converter The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital ...
|
MICROCHIP[Microchip Technology]
|
IDT79RC64T575-200DP IDT79RC64575 |
High performance 64-Bit Microprocessor High performance 64-bit Microprocessor **NOT RECOMMENDED FOR NEW DESIGNS**
|
IDT
|
TMP86C420U TMP86C820F TMP86C420F TMP86C820U |
CMOS 8-Bit Microcontroller High-speed, High-performance and low power consumption 8-bit microcomuter including ROM,RAM,LCD driver, multi function timer
|
Toshiba Semiconductor Toshiba Corporation
|
AD9750-EB AD9750AR AD9750ARU |
10-Bit, 125 MSPS High Performance TxDAC D/A Converter 10-Bit, 125 MSPS High Performance TxDAC D/A Converter 10位,125 MSPS的TxDAC系列高性能D / A转换 10-Bit/ 125 MSPS High Performance TxDAC D/A Converter
|
Analog Devices, Inc.
|
ADSP-21366 ADSP-21365 |
High-Performance 32-bit Floating-Point SHARC Processor for Home Theater High Performance 32-Bit Floating-Point SHARC Processor for Automotive Audio
|
Analog Devices
|
MAX5885 MAX5885EGM |
3.3V / 16-Bit / 200Msps High Dynamic Performance DAC with CMOS Inputs Quadruple Line Receiver 14-CDIP -55 to 125 3.3V, 16-BIT, 200MSPS HIGH DYNAMIC PERFORMANCE DAC WITH CMOS INPUTS
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
MN1554 MN1552 MN1500 MN1550 MN1551 |
(MN1550 Series) High Performance Low Power CMOS 4 Bit Single Chip Microcontroller High-Performance Low Power CMOS 4-Bit Single-Chip Microcomputer
|
Panasonic Semiconductor
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
PIC24HJ16GP304 PIC24HJ32GP204 PIC24HJ32GP204-H/PT |
High-Performance, 16-bit Microcontrollers 16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44
|
Microchip Technology
|